PART |
Description |
Maker |
FDMF6704V |
The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
|
Fairchild Semiconductor
|
FDMF6704 |
The Xtra Small, High Performance, High Frequency DrMOS Module
|
ON Semiconductor
|
2SA1806 |
Small-signal device - Small-signal transistor - High-Speed SwitchVCO and High Freq.
|
Panasonic
|
BZX84C18ET1 BZX84C18ET3 BZX84C4V7ET1 BZX84C7V5ET3 |
Small Signal 5% 27V Small Signal 5% 10V Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 4.7V Small Signal 5% 5.1V Zener Voltage Regulators From old datasheet system
|
ONSEMI[ON Semiconductor]
|
BC848CW BC846W-BC850W BC848AW Q62702-C2306 Q62702- |
High Speed CMOS Logic Dual 4-Input AND Gate 14-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters with Asynchronous Reset 16-PDIP -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Hex D-Type Flip-Flop with Reset 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
2SC2206 |
Small-signal device - Small-signal transistor - High-Frequency Amplifiers and Others
|
Panasonic
|
2SA1022 |
Small-signal device - Small-signal transistor - High-Frequency Amplifiers and Others
|
Panasonic
|
2SC2480 |
Small-signal device - Small-signal transistor - High-Frequency for Tuners
|
Panasonic
|
2SA0838 2SA838 |
Small-signal device - Small-signal transistor - High-Frequency Amplifiers and Others
|
Panasonic
|
MSG33003 |
Small-signal device - Small-signal transistor - High-Frequency Amplifiers and Others
|
Panasonic
|
MSG33004 |
Small-signal device - Small-signal transistor - High-Frequency Amplifiers and Others
|
Panasonic
|
2SC3930 |
Small-signal device - Small-signal transistor - High-Frequency Amplifiers and Others
|
Panasonic
|